PART |
Description |
Maker |
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
5962H9475407QYC 5962H9475407QYA 5962H9475405VLA 59 |
Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package Fuse-Programmable PLD 保险丝,可编程的PLD Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 保险丝,可编程的PLD
|
Harwin PLC
|
6027721 6027723 6027725 6027722 6027741 6027742 60 |
SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK BERNSTEIN 24 BIS 240VAC WARNBAKE BLINK XENON BERNSTEIN 110VAC WARNBAKE BLINK XENON GRUEN 110VAC WARNBAKE BLINK XENON GRUEN 230/240VAC WARNBAKE BLINK XENON TRANSP 110VAC SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK的氙气布10VAC SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK的氙气腐110VAC SOT23, Low-Power µP Supervisory Circuits with Battery Backup and Chip-Enable Gating WARNBAKE BLINK的氙气盖尔布230/240VAC SOT23, Low-Power Microprocessor Supervisory Circuits with Battery Backup WARNBAKE BLINKEND布劳12条之8V直流
|
Xicon Passive Components TE Connectivity, Ltd.
|
CMV7101 CMV7101YR CMV7101YT |
CMV7101 LOW POWER, LOW VOLTAGE OPAMP WITH RRIO, SOT23-5
|
CALMIRCO[California Micro Devices Corp]
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
6300B 6298B 6299B |
Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer Thermistor-to-Digital Converter HEATSINK TO220/218 3.6C/W Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 散热片TO220/218 3.1C /
|
Microsemi, Corp.
|
CMC7106Y CMC7106R CMC7106 |
CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6 CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
|
CALMIRCO[California Micro Devices Corp]
|
MIC913YM5 MIC913-07 MIC913BM5 |
350MHz Low-Power SOT23-5 Op Amp
|
Micrel Semiconductor
|
MAX1921 MAX1921EUT-T MAX1920EUT-T MAX1920 MAX1921E |
3.3 V, Low-voltage, 400 mA step-down DC-DC converter Low-Voltage / 400mA Step-Down DC-DC Converters in SOT23 Low-Voltage 400mA Step-Down DC-DC Converters in SOT23 " Low-Voltage, 400mA Step- Down DC-DC Converters in SOT23" Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23 SMPS Controller
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
|